PART |
Description |
Maker |
MMBT4403G-AL3-R MMBT4403L-AE3-R MMBT4403L-AL3-R MM |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
KSP2907AIUTA |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N1132 |
600 mA, 35 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
ZETEX PLC
|
JAN2N1131L |
600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
MICROSEMI CORP-LAWRENCE
|
FMMT2907RTA |
600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
2N5401CYTA |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4403 2N4402 |
Si-Epitaxial PlanarTransistors 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
FMMT2907ATA FMMT2907ATC BSS67TC BSS80B BSS80BTC HT |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC ZETEX PLC
|
P2N2907AG |
Transistor Silicon Plastic PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistor
|
ON Semiconductor
|
MPSL51 |
Amplifier Transistor 600 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistor(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|